Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download JAN2N2218L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/251 Devices 2N2218 2N2218A 2N2218AL 2N2219 2N2219A 2N2219AL Qualified Level JAN JANTX JANTXV JANS
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C(1) @ TC = +250C(2) Operating & Storage Junction Temp. Range
Symbol
VCEO VCBO VEBO IC PT Top, Tstg
2N2218 2N2219
30 60 5.0
2N2218A; L 2N2219A; L
50 75 6.0
Unit
Vdc Vdc Vdc mAdc W W 0 C Unit C/W
800 0.8 3.0 -55 to +200 Max. 59
TO- 39* (TO-205AD) 2N2218, 2N2218A 2N2219, 2N2219A
THERMAL CHARACTERISTICS
Characteristics Symbol Thermal Resistance, Junction-to-Case RJC 1) Derate linearly 4.6 mW/0C above TA > +250C 2) Derate linearly 17.0 mW/0C above TC > +250C
0
TO-5*
2N2218AL, 2N2219AL
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IE = 10 mAdc Emitter-Base Cutoff Current VEB = 5.0 Vdc VEB = 6.0 Vdc VEB = 4.0 Vdc Collector-Base Cutoff Current VCE = 30 Vdc VCE = 50 Vdc 2N2218; 2N2219 2N2218A; L; 2N2219A; L 2N2218; 2N2219 2N2218A; L; 2N2219A; L All Types 2N2218; 2N2219 2N2218A; L; 2N2219A; L V(BR)CEO 30 50 10 10 10 10 10 Vdc
IEBO
Adc Adc
ICES
Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2218; A; AL; 2N2219; A; AL JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Collector-Base Cutoff Current VCB = 50 Vdc 2N2218; 2N2219 VCB = 60 Vdc 2N2218A; L; 2N2219A; L VCB = 60 Vdc 2N2218; 2N2219 VCB = 75 Vdc 2N2218A; L, 2N2219A; L Symbol Min. Max. 10 10 10 10 Unit Adc Adc
ICBO
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10Vdc 2N2218 2N2219 2N2218A; 2N2218AL 2N2219A; 2N2219AL 2N2218 2N2219 2N2218A; 2N2218AL 2N2219A; 2N2219AL 2N2218 2N2219 2N2218A; 2N2218AL 2N2219A; 2N2219AL 2N2218; A; 2N2218AL 2N2219; A; 2N2219AL 2N2218; A; 2N2218AL 2N2219; A; 2N2219AL 2N2218; 2N2219 2N2218A; L; 2N2219A; L 2N2218; 2N2219 2N2218; L; 2N2219A; L 2N2218; 2N2219 2N2218A; L, 2N2219A, L 2N2218; 2N2219 2N2218A; L; 2N2219A; L 20 35 30 50 25 50 35 75 35 75 40 100 40 100 20 30
IC = 1.0 mAdc, VCE = 10 Vdc
hFE
150 325 150 325
IC = 10 mAdc, VCE = 10 Vdc
IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE =10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc
120 300
VCE(sat)
0.4 0.3 1.6 1.0 0.6 0.6 1.3 1.2 2.6 2.0
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Forward Current Transfer Ratio IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz Small-Signal Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N2218 2N2219 2N2218A, L 2N2219A, L Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz
hfe
2.5 25 50 35 75
12
hfe
Cobo Cibo
8.0 25
pF pF
SWITCHING CHARACTERISTICS
VCC = 30 Vdc; IC = 150 mAdc; IB1= 15 mAdc Turn-On Time 2N2218, 2N2219 (See Figure 3 of MIL-PRF-19500/251) 2N2218A, L, 2N2219A, L Turn-Off Time 2N2218, 2N2219 (See Figure 4 of MIL-PRF-19500/251) 2N2218A, L, 2N2219A, L (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
t
off
40 35 250 300
s s
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JAN2N2218L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X